PART |
Description |
Maker |
GLT6100L08LL-100ST GLT6100L08LL-100TS GLT6100L08LL |
100ns; Ultra low power 128k x 8 CMOS SRAM 55ns; Ultra low power 128k x 8 CMOS SRAM 70ns; Ultra low power 128k x 8 CMOS SRAM 85ns; Ultra low power 128k x 8 CMOS SRAM
|
G-LINK Technology
|
IS62WV12816BLL-45B IS62WV12816BLL-45B2 IS62WV12816 |
128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution, Inc
|
IS62U6416LL-20B IS62U6416LL-20K IS62U6416LL-20BI I |
64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM 128K X 8 STANDARD SRAM, 200 ns, PDSO44
|
Integrated Silicon Solution, Inc.
|
BS616LV2017 BS616LV2017EIP70 BS616LV2017AC BS616LV |
Very Low Power/Voltage CMOS SRAM 128K X 16 bit Very Low Power/Voltage CMOS SRAM 128K X 16 bit 非常低功电压CMOS SRAM28K的16 FF-SR2 Series, Two-hand Control, 24 Vdc 非常低功电压CMOS SRAM28K的16 LM49370 Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers Marine Lamp, 4 in x 6 in [101,6 mm x 152,4 mm], Wide Flood Beam Pattern, 12 Vdc/50 W/4 A, Flush mounting Asynchronous 2M(128Kx16) bits Static RAM
|
Brilliance Semiconducto... Honeywell International, Inc. BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
IS62LV12816LL IS62LV12816L IS62LV12816L-55B IS62LV |
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM ASYNCHRONOUS STATIC RAM
|
ICSI[Integrated Circuit Solution Inc]
|
BS62LV1027 BS62LV1027PIP70 BS62LV1027SCG70 BS62LV1 |
Asynchronous 1M(128Kx8) bits Static RAM LM5035 PWM Controller with Integrated Half-Bridge and SyncFET Drivers; Package: TSSOP EXP PAD; No of Pins: 20 LM5041A Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 LM5041 Cascaded PWM Controller; Package: TSSOP; No of Pins: 16 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 55 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 非常低功电压的CMOS的SRAM LM5033 100V Push-Pull Voltage Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDSO32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 55 ns, PDIP32 LM5030 100V Push-Pull Current Mode PWM Controller; Package: LLP; No of Pins: 10 128K X 8 STANDARD SRAM, 70 ns, PDIP32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, PDSO32 Very Low Power/Voltage CMOS SRAM 128K X 8 STANDARD SRAM, 70 ns, UUC
|
http:// BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC. BRILLIANCE SEMICONDUCTOR INC
|
NM27LV010 NM27LV010V250 NM27LV010TE250 NM27LV010VE |
1,048,576-Bit (128k x 8) Low Voltage EPROM 1048576-Bit (128k x 8) Low Voltage EPROM
|
FAIRCHILD[Fairchild Semiconductor]
|
AT28LV010 DOC235 AT28LV010-20JC AT28LV010-25TI AT2 |
1 Megabit 128K x 8 Low Voltage Paged CMOS E2PROM From old datasheet system 1 Megabit (128K x 8) Low Voltage Paged CMOS
|
ATMEL[ATMEL Corporation]
|
C8051F960-B-GM C8051F966-B-GM |
Ultra Low Power 128K, LCD MCU Family
|
Silicon Laboratories
|
MAX6335US20D3-T MAX6336US20D3-T MAX6337US20D3-T MA |
4-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits with Manual Reset Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 20ms. 4-Pin, Ultra-Low-Voltage, Low-Power P Reset Circuits with Manual Reset 4-Pin / Ultra-Low-Voltage / Low-Power P Reset Circuits with Manual Reset 4-Pin, Ultra-Low-Voltage, Low-Power レP Reset Circuits with Manual Reset 4引脚,超低电压,低功耗与手动复位レP复位电路 2.5-W Mono Class-D Audio Amplifier with Variable Gain (TPA2010) 9-DSBGA -40 to 85 4引脚,超低电压,低功耗与手动复位レP复位电路 Ultra-low-voltage, low-power microprocessor circuit with manual reset (reset output active-high, push/pull . Reset threshold(typ) 1.6V, reset timeout(min) 1ms.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
N02L1618C1A |
2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K x 16 bit
|
NanoAmp Solutions
|